Part Number Hot Search : 
S1500 L6741TR LTS367HR N3290A 1N4688 4720T HC4P55 HF321J
Product Description
Full Text Search
 

To Download 6A4M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
6A05M THRU 6A10M
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE50-1000V CURRENT6.0A
FEATURES
*Low cost *Low leakage *Low forward voltage drop *High current capability *High surge current capability
R-6
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 2.08 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL 6A05M 6A1M 6A2M 6A4M 6A8M 6A8M 6A10M units Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 6.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @ TA=25C @ TA=100C IR VRRM VRMS VDC Io IFSM VF 50 35 50 100 70 100 200 140 200 400 280 400 6.0 250 1.1 10 500 50 CJ RJA 150 10 pF
C/W
600 420 600
800 560 800
1000 700 1000
V V V A A V
A
Maximum Full Load Reverse Current Average, Full Cycle .375"(9.5mm) lead length at TL=75C Typical Junction Capacitance (Note) Typical Thermal Resistance Notes:
Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 6A4M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X